PART |
Description |
Maker |
JANTX469-3 JAN469-1 JAN469-2 JAN469-3 JANTX469-1 J |
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 10 AMP, Military Approved 10 A, 460 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES/ 10 AMP/ Military Approved Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
JANTXV1N3614 JANTXV1N3612 |
MILITARY RECTIFIERS 1 A, SILICON, SIGNAL DIODE
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
JAN1N4249 1N4245 JAN1N4247 1N4247 JANTX1N4247 1N42 |
Standard Rectifier (trr more than 500ns) MILITARY RECTIFIERS
|
MICROSEMI[Microsemi Corporation]
|
DV200-2800DSERIES |
COTS Converters:Military Designs for Military Applications COTS的转换器:用于军事用途的军事设计
|
Electronic Theatre Controls, Inc.
|
710222 |
Base strip - DFK-MSTB 2,5/ 7-GF-5,08 - 0710222
|
PHOENIX CONTACT
|
0710219 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08 mm, no. of positions: 6, mounting: Direct mounting - DFK-MSTB 2,5/ 6-GF-5,08
|
Phoenix Contact
|
ADC87 ADC87H ADC87H_BCH ADC87H_B ADC87H/B ADC87H/B |
12-bit, 8μsec Military A/D Converter 12-bit, 8 Usec Military A/D Converter
|
API Technologies Corp ICST[Integrated Circuit Systems] Integrated Circuit Syst...
|
MN5210 MN5211 MN5212 MN5213 MN5214 MN5215 MN5216 M |
13usec, 12-bit Military A/D Converters 13μsec, 12-bit Military A/D Converters
|
List of Unclassifed Manufacturers ETC API Technologies Corp
|
ESS RWR89Z EGN-10-10 EGN-10-80 EGN-1-10 EGN-1-80 E |
Wirewound Resistors, Military/Established Reliability Military/Established Reliability, MIL-R-39007 Qual., Type RWR, R Level, Meets Solvent Resistance of MIL-STD-202 (Method 215), 100% Power Stabilization and Screening Test (RWRxxx) Wirewound Resistors Military/Established Reliability RESISTOR, WIRE WOUND, 5 W, 0.1 %, 20 ppm, 909 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 5 W, 0.1 %, 20 ppm, 931 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
http:// VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
F02B250V112A F02B250V114A F02B250V14A F02B250V12A |
Military Qualified Product Listing Military Qualified Product Listing MIL-F-15160 Fuses - Instruments, Power and Telephone Military Qualified Product Listing Military Qualified Product Listing MIL-F-15160 Fuses - Instruments, Power and Telephone
|
Cooper Bussmann, Inc.
|
PE30PAM PE30 PE30DBANAC PE30DBANAL PE30DBANAM PE30 |
Fully Sealed Container, Military and Professional Grade Fully Sealed Container Cermet Potentiometers Military and Professional Grade
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|